PART |
Description |
Maker |
HYB39S16400AT-10 HYB39S16400AT-8 Q67100-Q1333 Q671 |
16 MBit Synchronous DRAM 4M X 4 SYNCHRONOUS DRAM, 8 ns, PDSO44 16 MBit Synchronous DRAM 2M X 8 SYNCHRONOUS DRAM, 10 ns, PDSO44 Multipole Connector 1M X 16 SYNCHRONOUS DRAM, 10 ns, PDSO50 DB25PH 16兆位同步DRAM 16 MBit Synchronous DRAM 16兆位同步DRAM
|
Siemens Semiconductor Group SIEMENS AG
|
IS42S16160B IS42S16160B-6T IS42S16160B-7BL IS42S16 |
32MEG X 8, 16MEG X16 256-MBIT SYNCHRONOUS DRAM
|
ISSI[Integrated Silicon Solution, Inc]
|
HYB39S256160CT |
256-Mbit(4banks × 4MBit × 16) Synchronous DRAM(256M(4× 4M× 16)同步动态RAM)
|
SIEMENS AG
|
JS28F256P33BFA 320003 |
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
|
Numonyx B.V
|
IS42S16800B IS42S16800B-6T IS42S81600B-6T IS42S168 |
16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM 8M X 16 SYNCHRONOUS DRAM, 5.4 ns, PDSO54
|
Integrated Silicon Solution, Inc.
|
HYB39SC128160FE-6 HYI39SC128160FE-6 |
128-MBit Synchronous DRAM 8M X 16 SYNCHRONOUS DRAM, 5.4 ns, PDSO54
|
Qimonda AG
|
HY57V64820HGLTP-5 HY57V64820HGLTP-55 HY57V64820HGL |
4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 220uF; Voltage: 25V; Case Size: 8x11.5 mm; Packaging: Bulk
|
Hynix Semiconductor, Inc. http:// Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
HYB39S256400D HYB39S256400DTL-6 HYB39S256400DTL-7 |
256 MBit Synchronous DRAM SDRAM Components - 256Mb (16Mx16) FBGA PC133 2-2-2 SDRAM Components - 256Mb (32Mx8) PC133 2-2-2 SDRAM Components - 256Mb (32Mx8) FBGA PC133 2-2-2 SDRAM Components - 256Mb (16Mx16) PC133 2-2-2 SDRAM Components - 256Mb (64Mx4) FBGA PC133 2-2-2 256-MBit Synchronous DRAM
|
INFINEON[Infineon Technologies AG]
|
HYB18T256161AFL25 |
256-Mbit x16 GDDR2 DRAM
|
Infineon
|
HYB39S64160AT HYB39S64160BT HYB39S64160BT-7 |
64M SDRAM Component 4M x 16 MBit Synchronous DRAM for High Speed Graphics Applications(64M4× 1M× 16)同步动态RAM(用于高速图形场合)) 4M x 16 MBit Synchronous DRAM for High Speed Graphics Applications(64M4M x 16)同步动态RAM(用于高速图形场合))
|
Infineon SIEMENS AG
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
HYB39S16400BT-10 HYB39S16800BT-10 HYB39S16400BT-8 |
16 MBit Synchronous DRAM
|
http:// Siemens Semiconductor Group
|